PART |
Description |
Maker |
PS7122A-2A PS7122A-1A PS7122AL-1A PS7122AL-1A-E4 P |
OCMOS FET High Voltage and High Speed power MOSFET and IGBT Half Bridge Driver in a 8-pin DIP package; A IR2308 packaged in a 8-Lead SOIC Dual Low Side Driver, Inverting Input in a 8-pin DIP package; A IR4426 packaged in a 8-Lead SOIC 1200V Half Bridge Driver IC for Power Switching Applications in a 24 Lead SSOP package; A IR2214 packaged in a Lead-Free 24 Lead SSOP FET-OUTPUT OPTOCOUPLER Single High Side Driver, Current Limiting, Programmable Shutdown Error Pin in a 8-pin DIP package; A IR2125 packaged in a Lead-Free 16-Lead SOIC shipped on Tape and Reel Half Bridge Driver, Single Input Plus Inverting Shutdown Pin, Fixed 520ns Deadtime in a 8-pin DIP package; A IR2104 packaged in a Lead-Free 8-Lead PDIP OCMOS场效应管 Optical Coupled MOS FET photocoupler(MOS 场效应管输出光光隔离器) 光纤耦合场效应晶体管光电耦合器(简称MOS场效应管输出光光隔离器
|
NEC, Corp.
|
ASM3P2111AF-08ST ASM3I2111AF-08SR ASM3I2111AF-08ST |
Peak EMI Reducing Solution 66.6 MHz, OTHER CLOCK GENERATOR, PDSO8 LEAD FREE, SOIC-8 Octal D-Type Flip-Flops With Clear 20-SOIC -40 to 85 降低峰值电磁干扰解决方
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Ecliptek, Corp. Alliance Semiconductor, Corp.
|
PEEL16CV8J-25L PEEL16CV8P-25L PEEL16CV8T-25L PEEL1 |
EE PLD, 25 ns, PQCC20 LEAD FREE, PLASTIC, LCC-20 EE PLD, 25 ns, PDIP20 0.300 INCH, LEAD FREE, PLASTIC, DIP-20 EE PLD, 25 ns, PDSO20 LEAD FREE, TSSOP-20 EE PLD, 25 ns, PDSO20 LEAD FREE, SOIC-20 EE PLD, 25 ns, PDSO20 SOIC-20 EE PLD, 25 ns, PDIP20 0.300 INCH, PLASTIC, DIP-20 EE PLD, 25 ns, PQCC20 PLASTIC, LCC-20 EE PLD, 25 ns, PDSO20 TSSOP-20
|
Diodes, Inc.
|
AM29L516DC AM29L517DC AM29L517AXC AM29L517/BXC AM2 |
Dimming Ballast Control, Brown-out Protection, Programmable Preheat Time, 1.8us Deadtime in a 16-lead SOIC Narrow package; A IR21593S with Standard Dimming Ballast Control, Brown-out Protection, Programmable Preheat Time, 1.8us Deadtime in a 16-lead SOIC Narrow package; A IR21592S with Tape Dimming Ballast Control, Brown-out Protection, Programmable Preheat Time, 1.8us Deadtime in a 16-lead SOIC Narrow package; A IR21592S with Standard Half Bridge Driver, LO In Phase with RT, Programmable Oscillating Frequency, 0.6us Deadtime in a 8-lead SOIC package and different phase; Similar to IR21531S with Lead Free Packaging Hi-Rel DC-DC Standard Dual Converter in a ATR package; A ATR2815D with Standard Packaging Ballast Control, Programmable Preheat Time and Run Frequency, Programmable Deadtime in a 14-pin DIP package; A IR2156 with Standard Packaging Hi-Rel DC-DC Standard Triple Converter in a ATR package; A ATR2815T with Standard Packaging Hi-Rel DC-DC Rad-Hard Triple Converter in a ART package; A ART2812T with Standard Packaging 600V Ballast Controller IC with Adaptive Zero-Voltage Switching, Internal Crest Factor Over-Current Protection and an Integrated Bootstrap Diode in a 8-Pin SOIC package.; Similar to IR2520DS with Lead Free Packaging Multiplier 乘数
|
Rochester Electronics, LLC
|
CAT25C08L-1.8 CAT25C08SI-1.8TE13 CAT25C08S-1.8TE13 |
1K X 8 SPI BUS SERIAL EEPROM, PDIP8 LEAD FREE AND HALOGEN FREE, PLASTIC, DIP-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 SOIC-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 TSSOP-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 LEAD FREE AND HALOGEN FREE, SOIC-8 128 X 8 SPI BUS SERIAL EEPROM, PDSO14 256 X 8 SPI BUS SERIAL EEPROM, PDSO14 512 X 8 SPI BUS SERIAL EEPROM, PDSO14
|
Fox Electronics
|
DSPIC30F2010-30I/MM DSPIC30F2010-30I/SO |
16-BIT, FLASH, 30 MHz, RISC MICROCONTROLLER, PQCC28 6 X 6 MM, 0.90 MM HEIGHT, LEAD FREE, PLASTIC, QFN-28 16-BIT, FLASH, 30 MHz, RISC MICROCONTROLLER, PDSO28 0.300 INCH, LEAD FREE, PLASTIC, SOIC-28
|
Sumida, Corp.
|
3KP70CA-HF 3KP70A-HF 3KP45A-HF 3KP36A-HF 3KP36CA-H |
Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=70V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=45V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=36V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=58V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=54V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=90V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=48V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=75V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=28V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=80V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=43V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=60V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=33V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=51V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=78V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=350V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=250V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=14V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=8V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=64V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=17V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=26V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=19V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=6V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=6.5V, Tolerance=5%
|
Comchip Technology
|
SY10EP16UZGTR SY100EP16U |
LINE TRANSCEIVER, PDSO8 LEAD FREE, SOIC-8 2.5/3.3V Precision ECL Differential Receiver/Driver
|
Micrel Semiconductor, Inc.
|
PS7801-A-F3 PS7801 PS7801-A-F4 PS7801-1A |
LEAD FREE A6279 SOIC 邻舍4针超小型平引脚,低输出电通道光学耦合MOSFET LEAD FREE A6279ELP-T WITH TAPE & REEL LEAD FREE A6279ELW-T WITH TAPE & REEL NECs 4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET NECs 4-PIN ULTRA SMALL FLAT-LEAD / LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET NECs 4-PIN ULTRA SMALL FLAT-LEAD LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
|
NEC, Corp. NEC Corp. NEC[NEC]
|
PS7221-2A PS7221-2A-F3 PS7221-2A-F4 PS72221-2A-F4 |
3 Phase Driver, Soft Turn-on, Inverting Input Separate High and Low Side Inputs, 200ns Deadtime.; A IR2136 packaged in a Lead-Free 28-Lead SOIC 场效应管输出光耦合 3 Phase Driver, Soft Turn-on, Inverting Input Separate High and Low Side Inputs, 200ns Deadtime.; Similar to IR2136S with Lead-Free Packaging shipped on Tape and Reel FET-OUTPUT OPTOCOUPLER 8-PIN SOP 200 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
|
NEC, Corp. NEC Corp. NEC[NEC]
|
SI9150DY-T1-E3 |
SYNCHRONOUS BUCK CONTROLLER-LEAD FREE - Tape and Reel DC DC Cntrlr Dual-OUT Sync Buck 6V to 16.5V Input 14-Pin SOIC T/R
|
Vishay Siliconix
|
|